Part Number Hot Search : 
LMP2003 53100 E222M E222M 1N4151 64GA108 ISL6267 GRM033R
Product Description
Full Text Search
 

To Download PE30LAFG204MAB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PE30 Vishay Sfernice Fully Sealed Container Cermet Potentiometer Military and Professional Grade
FEATURES
* High power rating (3 W at 70 C) * Low temperature coefficient (150 ppm/C typical) * Full sealing * Use of faston 2.86 connections * Tests according to CECC 41 000 * Wires and connectors available * Custom design on request
RoHS
COMPLIANT
DIMENSIONS in millimeters (inches) 0.5 ( 0.02)
PE30L
8 (0.31) 20 (0.79) max. 13 (0.51) max. 12 (0.47) 14 Wrench Thread M10 x 0.75 O6 (0.24) a 76
c
R 5.2 (0.20)
FG = 16 (0.63) O 19.7 (0.78) FL = 25 (0.99) FR = 50 (1.97)
0.5 (0.02) 2.85 (0.11)
b
3 (0.12)
PE30LL: LPRP - Locating Peg
3 (0.12) O 1.8 (0.07)
0.8 (0.3)
O 10.5 (0.41)
12.5 (0.49)
9.2 (0.36) O 3.5 (0.14)
8.8 (0.35) 3 (0.12) 2.3 (0.9)
PANEL MOUNT PE30ME: Panel Sealed
23 (0.91) max. 16 (0.63) max. O 1.2 (0.05) 0.7 (0.03) O 1 (0.4) Flats located Sealing Ring Slot 1 x 1.8 Deep O6 (0.24)
8 0.2 (0.31 0.01)
O 10.5 (0.41)
O 19.7 (0.78) 9 (0.35) FD = 13 (0.61) FJ = 22 (0.87) FP = 47 (1.85)
PANEL MOUNT
Document Number: 51037 Revision: 04-Sep-08
For technical questions, contact: sfer@vishay.com See also: Application notes
www.vishay.com 131
PE30 Vishay Sfernice
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
ELECTRICAL SPECIFICATIONS
Resistive Element Electrical Travel Linear Law Resistance Range Logarithmic Laws Standard Series E3 Standard Tolerance On Request Linear
100
Cermet 270 10 22 to 10 M 100 to 2.2 M 1 - 2.2 - 4.7 and on request 1 - 2 - 5 20 % 10 % to 5 % A
% TOTAL RESISTANCE
CIRCUIT DIAGRAM
Varation Law
a (1) b (2) cw c (3)
80 60 40 20 0
F A L
0
20
40
60
80
100
% CLOCKWISE SHAFT ROTATION
3 LIN. LAW A
Linear 3 W at 70 C Power Rating Logarithmic 1.5 W at 70 C
POWER IN W
2
1
LOG. LAW L and F
0 0 20 40 60 70 80 100 120 140
AMBIENT TEMPERATURE IN C
Temperature Coefficient (Typical) Limiting Element Voltage Contact Resistance Variation End Resistance (Typical) Dielectric Strength (RMS) Insulation Resistance (300 VDC) Independent Linearity (Typical)
150 ppm/C 300 V 3 % Rn or 3 1 2500 V 105 M 5%
www.vishay.com 132
For technical questions, contact: sfer@vishay.com
Document Number: 51037 Revision: 04-Sep-08
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
STANDARD RESISTANCE ELEMENT DATA
STANDARD RESISTANCE VALUES 22 47 100 220 470 1K 2.2K 4.7K 10K 22K 47K 100K 220K 470K 1M 2.2M 4.7M 10M LINEAR LAW MAX. POWER AT 70 C W 3 3 3 3 3 3 3 3 3 3 1.91 0.90 0.41 0.19 0.09 0.04 0.02 0.01 MAX. WORKING VOLTAGE V 8.12 11.87 17.32 25.69 37.55 57.44 81.24 118.74 173.20 256.9 300 300 300 300 300 300 300 300 MAX. CUR. THROUGH WIPER mA 369 252 173 116 79 54 37 25 17 11 6.3 3 1.36 0.63 0.30 0.13 0.06 0.03 MAX. POWER AT 70 C W LOGS LAW MAX. WORKING VOLTAGE V
PE30 Vishay Sfernice
MAX. CUR. THROUGH WIPER mA
TYPICAL TCR - 55 C + 125 C ppm/C
1.5 1.5 1.5 1.5 1.5 1.5 0.9 0.41 0.19 0.09
38.7 57.4 83.9 122 181.6 265 300 300 300 300
38.7 26.1 17.9 12.2 8.25 5.64 3 1.36 0.63 0.30
150
MECHANICAL SPECIFICATIONS
Mechanical Travel Operating Torque (Typical) End Stop Torque Tightening Torque of Mounting Nut Unit Weight Terminals 3 Ncm max. 120 Ncm max. 250 Ncm max. 23 to 32 g max. e3: pure Sn 300 5 4.25 oz.-inch max. 10.51 lb oz.-inch max. 22 lb-inch max. 0.8 to 1.13 oz.
ENVIRONMENTAL SPECIFICATIONS
Temperature Range Climatic Category Sealing - 55 C to 125 C 55/125/56 Fully sealed - Container IP67
OPTIONS
Special Feature Command Shaft Length is measured from the mounting surface to the free end of the shaft. The screwdriver slot is aligned with the wiper within 10. Special shafts are available, in accordance to drawings supplied by customers. We recommend that customers should not machine tool shafts, in order to avoid damage. Bending or torsion of terminals should also be avoided. The panel sealing device consists of a ring located in a groove on the potentiometer face. Sealing is obtained by tightening the ring against the panel when mounting the potentiometer. Old code: PE30P
Panel Sealing (PE30M)
Document Number: 51037 Revision: 04-Sep-08
For technical questions, contact: sfer@vishay.com
www.vishay.com 133
PE30 Vishay Sfernice
OPTIONS
Locating Peg (PE30LL)
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
Location is obtained by fitting a special washer on the mounting face of the potentiometer. Old code: LPRP The shaft locking device consists of a tapered nut tightening a slotted notched washer against both bushing and shaft. DBAN tightening torque is 200 Ncm, shaft locking torque being 30 Ncm. DBAN is also available with all special types. This device is normally supplied in a separate bag. Can be pre-mounted on request.
Shaft Locking (PE30LD) Assembling Method
1)
2)
14 wrench 12 wrench
6.5 15
MARKING
* VISHAY trademark * Model * Ohmic Value (in , k or M) * Tolerance (in %) * Manufacturing date code * Marking of terminals 3, and a, b, c
PERFORMANCE
CECC 41 301 - 002 TESTS CONDITIONS Phase A dry heat 125 C Phase B damp heat Phase C cold - 55 C Phase D damp heat 5 cycles 56 days 40 C 93 % HR 25 000 cycles 1000 h at rated power 90'/30' - ambient temp. 70 C 5 cycles - 55 C at + 125 C 50 g at 11 ms 3 successive shocks in 3 directions 10 to 55 Hz 0.75 mm or 10 g during 6 hours RT R1-2 (%) REQUIREMENTS (%) RT R1-2 10 % 10 % Insulation resistance: > 100 M 10 % Contact res. variation: < 7 % Rn 10 % Contact res. variation: < 7 % Rn 3% 2% 10 % TYPICAL VALUES AND DRIFTS RT (%) RT 0.5 % R1-2 (%) R1-2 1%
Climatic Sequence Long Term Damp Heat Rotational Life Load Life Rapid Temperature Change Shock
0.5 % 1% Insulation resistance: > 104 M 3% Contact res. variation: < 2 % Rn 1% Contact res. variation: < 3 % Rn 0.5 % 0.1 % 0.2 %
Vibration
2%
0.1 %
0.2 %
www.vishay.com 134
For technical questions, contact: sfer@vishay.com
Document Number: 51037 Revision: 04-Sep-08
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
SAP ORDERING INFORMATION (Part Number 18 digits)
P E 3 0 L B F G 2 0 4 M A B
PE30 Vishay Sfernice
MODEL BUSHING L= M10 x 0.75
OPTION 0 = none
SHAFT
OHMIC VALUE
TOLERANCE 20 % on request 10 % 5%
LAW A = Linear L = Clockwise logarithmic F = Clockwise inverse logarithmic
PACKAGING B = Box of 10 pieces
SPECIAL NUMBER (if applicable) Given by VISHAY for custom design
A law = For L Bushing (= old codes:) from 22 FG 16 mm, slotted = AC to 10 M FL 25 mm, slotted = AM For L Bushing FR 50 mm, plain = AL D = DBAN M = Panel L and F L = LPRP sealed laws = For M Bushing B = DBAN M10 x 0.75 FD = 13 mm, slotted = AC from 100 and LPRP to 2.2 M FJ = 22 mm, slotted = AM A = Peg FP = 47 mm, plain = AL and DBAN For M Bushing E = Peg
PART NUMBER DESCRIPTION (for information only)
PE30 LPRP AC 200K 20 % A DBAN BO10 e4 CUSTOM LEAD SPECIAL SHAFT (Pb)-FREE
MODEL FEATURES OPTION SHAFT VALUE TOLERANCE TAPER OPTION SPECIAL PACKAGING
Document Number: 51037 Revision: 04-Sep-08
For technical questions, contact: sfer@vishay.com
www.vishay.com 135
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of PE30LAFG204MAB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X